Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 31Page - Renesas Technology Corp H8/300H Datasheet HTML 32Page - Renesas Technology Corp H8/300H Datasheet HTML 33Page - Renesas Technology Corp H8/300H Datasheet HTML 34Page - Renesas Technology Corp H8/300H Datasheet HTML 35Page - Renesas Technology Corp H8/300H Datasheet HTML 36Page - Renesas Technology Corp H8/300H Datasheet HTML 37Page - Renesas Technology Corp H8/300H Datasheet HTML 38Page - Renesas Technology Corp H8/300H Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 552 page
background image
Section 1 Overview
Rev. 3.00 May 15, 2007 Page 3 of 516
REJ09B0152-0300
1.3
Pin Assignment
26
27
28
29
30
31
32
16
15
14
13
12
11
10
P30/SCK3/VCref (/
IRQ0)
PB5/AN5/COMP1
PB4/AN4/COMP0
PB3/AN3
PB2/AN2
PB1/AN1/
IRQ1
PB0/AN0/
IRQ0
NMI
P12/IRQAEC/AECPWM
P11/AEVL/FTCI (/
IRQ1)
P10/AEVH/FTIOA/TMOW/CLKOUT
P82/FTIOB
P83/FTIOC
P84/FTIOD
TNP-32
(Top view)
Figure 1.2 Pin Assignment of H8/38602R Group (TNP-32)
9
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
P31/RXD3/IrRXD
P30/SCK3/VCref (/
IRQ0)
PB5/AN5/COMP1
PB4/AN4/COMP0
PB3/AN3
PB2/AN2
PB1/AN1/
IRQ1
PB0/AN0/
IRQ0
NMI
P12/IRQAEC/AECPWM
P11/AEVL/FTCI (/
IRQ1)
P10/AEVH/FTIOA/TMOW/CLKOUT
P82/FTIOB
P83/FTIOC
P84/FTIOD
TEST/
ADTRG
32P6U-A
(Top view)
Figure 1.3 Pin Assignment of H8/38602R Group (32P6U-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com