Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 33Page - Renesas Technology Corp H8/300H Datasheet HTML 34Page - Renesas Technology Corp H8/300H Datasheet HTML 35Page - Renesas Technology Corp H8/300H Datasheet HTML 36Page - Renesas Technology Corp H8/300H Datasheet HTML 37Page - Renesas Technology Corp H8/300H Datasheet HTML 38Page - Renesas Technology Corp H8/300H Datasheet HTML 39Page - Renesas Technology Corp H8/300H Datasheet HTML 40Page - Renesas Technology Corp H8/300H Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 552 page
background image
Section 1 Overview
Rev. 3.00 May 15, 2007 Page 5 of 516
REJ09B0152-0300
Type
Symbol
Pin No. I/O
Functions
NMI
16
Input
NMI interrupt request pin.
Non-maskable interrupt request input pin.
In the F-ZTAT version, the level on this pin
determines whether to enter the user or boot mode
when the reset state is released. To enter the user
mode, pull up this pin to the Vcc level.
IRQ0
32
(22, 26)
Input
IRQ1
31
(14, 23)
Input
External interrupt request input pins.
Can select the rising or falling edge.
Interrupt pins
IRQAEC
15
Input
Interrupt input pin for the asynchronous event
counter.
This pin enables the asynchronous event input.
FTCI
14
Input
External event input pin.
Timer W
FTIOA to
FTIOD
13 to
10
I/O
Output compare output/input capture input/PWM
output pins.
AEVL
14
Input
AEVH
13
Input
Event input pins for input to the asynchronous event
counter.
Asynchro-
nous event
counter
(AEC)
AECPWM
15
Output
PWM output pin for the AEC.
RTC
TMOW
13
Output
Divided clock output pin for the RTC.
SCK3
26
I/O
SCI3 clock I/O pin.
RXD3/
IrRXD
25
Input
SCI3 data input pins or data input pins for the IrDA
format.
Serial
communi-
cation
interface 3
(SCI3)
TXD3/
IrTXD
24
Output
SCI3 data output pins or data output pins for the
IrDA format.
SCS
20
I/O
SSU chip select I/O pin.
SSCK
21
I/O
SSU clock I/O pin.
SSI
23
I/O
Synchro-
nous serial
communi-
cation unit
(SSU)
SSO
22
I/O
SSU transmit/receive data I/O pins.
SDA
21
I/O
IIC data I/O pin.
I
2C bus
interface 2
(IIC2)
SCL
20
I/O
IIC clock I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com