Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 78Page - Renesas Technology Corp H8/300H Datasheet HTML 79Page - Renesas Technology Corp H8/300H Datasheet HTML 80Page - Renesas Technology Corp H8/300H Datasheet HTML 81Page - Renesas Technology Corp H8/300H Datasheet HTML 82Page - Renesas Technology Corp H8/300H Datasheet HTML 83Page - Renesas Technology Corp H8/300H Datasheet HTML 84Page - Renesas Technology Corp H8/300H Datasheet HTML 85Page - Renesas Technology Corp H8/300H Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 552 page
background image
Section 3 Exception Handling
Rev. 3.00 May 15, 2007 Page 50 of 516
REJ09B0152-0300
3.4.4
Interrupt Flag Register 1 (IRR1)
IRR1 indicates the IRQAEC, IRQ1, and IRQ0 interrupt request status.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
All 0
Reserved
The write value should always be 0.
2
IRREC2
0
R/(W)* IRQAEC Interrupt Request Flag
[Setting condition]
When the P12 pin is set to the IRQAEC/AECPWM pin
and the specified edge is detected as the pin state
[Clearing condition]
When 0 is written to this bit
1
IRRI1
0
R/(W)* IRQ1 Interrupt Request Flag
[Setting condition]
When the
IRQ1 pin is set as the interrupt input pin and
the specified edge is detected
[Clearing condition]
When 0 is written to this bit
0
IRRI0
0
R/(W)* IRQ0 Interrupt Request Flag
[Setting condition]
When the
IRQ0 pin is set as the interrupt input pin and
the specified edge is detected
[Clearing condition]
When 0 is written to this bit
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com