Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 32Page - Renesas Technology Corp H8/300H Datasheet HTML 33Page - Renesas Technology Corp H8/300H Datasheet HTML 34Page - Renesas Technology Corp H8/300H Datasheet HTML 35Page - Renesas Technology Corp H8/300H Datasheet HTML 36Page - Renesas Technology Corp H8/300H Datasheet HTML 37Page - Renesas Technology Corp H8/300H Datasheet HTML 38Page - Renesas Technology Corp H8/300H Datasheet HTML 39Page - Renesas Technology Corp H8/300H Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 552 page
background image
Section 1 Overview
Rev. 3.00 May 15, 2007 Page 4 of 516
REJ09B0152-0300
1.4
Pin Functions
Table 1.1
Pin Functions
Type
Symbol
Pin No. I/O
Functions
Vcc
8
Input
Power supply pin. Connect this pin to the system
power supply.
Vss
6
Input
Ground pin. Connect this pin to the system power
supply (0 V).
Power
supply pins
AVcc
1
Input
Analog power supply pin for the A/D converter.
When the A/D converter is not used, connect this
pin to the system power supply.
Clock pins
OSC1
7
Input
OSC2
5
Output
These pins connect with crystal or ceramic
resonator for the system clock, or can be used to
input an external clock.
See section 4, Clock Pulse Generators, for a typical
connection.
X1
2
Input
X2
3
Output
These pins connect with a 32.768- or 38.4-kHz
crystal resonator for the subclock. See section 4,
Clock Pulse Generators, for a typical connection.
CLKOUT
13
Output
Clock output pin.
System
control
RES
4
Input
Reset pins. The power-on reset circuit is
incorporated. When externally driven low, the chip
is reset.
TEST
9
Input
Test pins. Also used as the
ADTRG pin. When this
pin is not used as the
ADTRG pin, users cannot
use this pin. Connect this pin to Vss. When this pin
is used as the
ADTRG pin, see section 17.4.2,
External Trigger Input Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com