| Electronic Components Datasheet Search |
|
H8/300H Datasheet(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/300H Datasheet(HTML) 26 Page - Renesas Technology Corp |
|
26 / 552 page ![]() Rev. 3.00 May 15, 2007 Page xxvi of xxxii Section 21 Electrical Characteristics Figure 21.1 Power Supply Voltage and Oscillation Frequency Range (1) ................................. 386 Figure 21.2 Power Supply Voltage and Oscillation Frequency Range (2) ................................. 387 Figure 21.3 Power Supply Voltage and Operating Frequency Range (1)................................... 388 Figure 21.4 Power Supply Voltage and Operating Frequency Range (2)................................... 389 Figure 21.5 Power Supply Voltage and Operating Frequency Range (3)................................... 390 Figure 21.6 Analog Power Supply Voltage and Operating Frequency Range of A/D Converter (1) ................................................................................................... 391 Figure 21.7 Analog Power Supply Voltage and Operating Frequency Range of A/D Converter (2) ................................................................................................... 392 Figure 21.8 Power Supply Voltage and Oscillation Frequency Range (1) ................................. 412 Figure 21.9 Power Supply Voltage and Oscillation Frequency Range (2) ................................. 413 Figure 21.10 Power Supply Voltage and Operating Frequency Range (1)................................. 414 Figure 21.11 Power Supply Voltage and Operating Frequency Range (2)................................. 415 Figure 21.12 Power Supply Voltage and Operating Frequency Range (3)................................. 416 Figure 21.13 Analog Power Supply Voltage and Operating Frequency Range of A/D Converter (1).................................................................................................. 417 Figure 21.14 Analog Power Supply Voltage and Operating Frequency Range of A/D Converter (2).................................................................................................. 418 Figure 21.15 Clock Input Timing ...............................................................................................435 Figure 21.16 RES Low Width Timing........................................................................................ 435 Figure 21.17 Input Timing.......................................................................................................... 435 Figure 21.18 SCK3 Input Clock Timing .................................................................................... 435 Figure 21.19 SCI3 Input/Output Timing in Clock Synchronous Mode...................................... 436 Figure 21.20 SSU Input/Output Timing in Clock Synchronous Mode....................................... 436 Figure 21.21 SSU Input/Output Timing (Four-Line Bus Communication Mode, Master, CPHS = 1) ................................. 437 Figure 21.22 SSU Input/Output Timing (Four-Line Bus Communication Mode, Master, CPHS = 0) ................................. 437 Figure 21.23 SSU Input/Output Timing (Four-Line Bus Communication Mode, Slave, CPHS = 1) ................................... 438 Figure 21.24 SSU Input/Output Timing (Four-Line Bus Communication Mode, Slave, CPHS = 0) ................................... 438 Figure 21.25 I2C Bus Interface Input/Output Timing ................................................................. 439 Figure 21.26 Power-On Reset Circuit Reset Timing .................................................................. 439 Figure 21.27 Output Load Condition.......................................................................................... 440 Figure 21.28 Recommended Resonators .................................................................................... 440 Appendix Figure B.1 (a) Port 1 Block Diagram (P12)................................................................................ 473 Figure B.1 (b) Port 1 Block Diagram (P11)................................................................................ 474 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |