Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 70Page - Renesas Technology Corp H8/300H Datasheet HTML 71Page - Renesas Technology Corp H8/300H Datasheet HTML 72Page - Renesas Technology Corp H8/300H Datasheet HTML 73Page - Renesas Technology Corp H8/300H Datasheet HTML 74Page - Renesas Technology Corp H8/300H Datasheet HTML 75Page - Renesas Technology Corp H8/300H Datasheet HTML 76Page - Renesas Technology Corp H8/300H Datasheet HTML 77Page - Renesas Technology Corp H8/300H Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 552 page
background image
Section 3 Exception Handling
Rev. 3.00 May 15, 2007 Page 42 of 516
REJ09B0152-0300
3.1
Exception Sources and Vector Address
Table 3.1 shows the vector addresses and priority of each exception handling. When more than
one interrupt is requested, handling is performed from the interrupt with the highest priority.
Table 3.1
Exception Sources and Vector Address
Source Origin
Exception Sources
Vector
Number
Vector Address
Priority
Reset pin/
watchdog timer
Reset
0
H'0000 to H'0001
High
Reserved for system use
1 to 6
H'0002 to H'000D
External interrupt
NMI
7
H'000E to H'000F
Trap instruction
TRAPA #0
Trap instruction #0
8
H'0010 to H'0011
Trap instruction
TRAPA #1
Trap instruction #1
9
H'0012 to H'0013
Trap instruction
TRAPA #2
Trap instruction #2
10
H'0014 to H'0015
Trap instruction
TRAPA #3
Trap instruction #3
11
H'0016 to H'0017
Reserved for system use
12
H'0018 to H'0019
CPU
Direct transition by executing the
SLEEP instruction
13
H'001A to H'001B
Reserved for system use
14, 15
H'001C to H'001F
External interrupts
IRQ0
16
H'0020 to H'0021
IRQ1
17
H'0022 to H'0023
IRQAEC
18
H'0024 to H'0025
Reserved for system use
19, 20
H'0026 to H'0029
Comparators
COMP0
21
H'002A to H'002B
COMP1
22
H'002C to H'002D
RTC
0.25-second overflow
23
H'002E to H'002F
0.5-second overflow
24
H'0030 to H'0031
Second periodic overflow
25
H'0032 to H'0033
Minute periodic overflow
26
H'0034 to H'0035
Hour periodic overflow
27
H'0036 to H'0037
Day-of-week periodic overflow
28
H'0038 to H'0039
Week periodic overflow
29
H'003A to H'003B
Free-running overflow
30
H'003C to H'003D
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com