Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 44Page - Renesas Technology Corp H8/300H Datasheet HTML 45Page - Renesas Technology Corp H8/300H Datasheet HTML 46Page - Renesas Technology Corp H8/300H Datasheet HTML 47Page - Renesas Technology Corp H8/300H Datasheet HTML 48Page - Renesas Technology Corp H8/300H Datasheet HTML 49Page - Renesas Technology Corp H8/300H Datasheet HTML 50Page - Renesas Technology Corp H8/300H Datasheet HTML 51Page - Renesas Technology Corp H8/300H Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 552 page
background image
Section 2 CPU
Rev. 3.00 May 15, 2007 Page 16 of 516
REJ09B0152-0300
2.4
Instruction Set
2.4.1
Table of Instructions Classified by Function
The H8/300H CPU has 62 instructions. Tables 2.2 to 2.9 summarize the instructions in each
functional category. The notation used in tables 2.2 to 2.9 is defined below.
Table 2.1
Operation Notation
Symbol
Description
Rd
General register (destination)*
Rs
General register (source)*
Rn
General register*
ERn
General register (32-bit register or address register)
(EAd)
Destination operand
(EAs)
Source operand
CCR
Condition-code register
N
N (negative) flag in CCR
Z
Z (zero) flag in CCR
V
V (overflow) flag in CCR
C
C (carry) flag in CCR
PC
Program counter
SP
Stack pointer
#IMM
Immediate data
disp
Displacement
+
Addition
–
Subtraction
×
Multiplication
÷
Division
∧
Logical AND
∨
Logical OR
⊕
Logical XOR
→
Move
¬
NOT (logical complement)
:3/:8/:16/:24
3-, 8-, 16-, or 24-bit length
Note:
*
General registers include 8-bit registers (R0H to R7H, R0L to R7L), 16-bit registers (R0
to R7, E0 to E7), and 32-bit registers/address register (ER0 to ER7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com