Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 63Page - Renesas Technology Corp H8/300H Datasheet HTML 64Page - Renesas Technology Corp H8/300H Datasheet HTML 65Page - Renesas Technology Corp H8/300H Datasheet HTML 66Page - Renesas Technology Corp H8/300H Datasheet HTML 67Page - Renesas Technology Corp H8/300H Datasheet HTML 68Page - Renesas Technology Corp H8/300H Datasheet HTML 69Page - Renesas Technology Corp H8/300H Datasheet HTML 70Page - Renesas Technology Corp H8/300H Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 552 page
background image
Section 2 CPU
Rev. 3.00 May 15, 2007 Page 35 of 516
REJ09B0152-0300
Reset state
Program halt state
Exception-handling state
Program execution state
Reset cleared
SLEEP instruction executed
Reset
occurs
Interrupt
source
Reset
occurs
Interrupt
source
Exception-
handling
complete
Reset occurs
Figure 2.12 State Transitions
2.8
Usage Notes
2.8.1
Notes on Data Access to Empty Areas
The address space of this LSI includes empty areas in addition to the ROM, RAM, and on-chip
I/O registers areas available to the user. When data is transferred from CPU to empty areas, the
transferred data will be lost. This action may also cause the CPU to malfunction. When data is
transferred from an empty area to CPU, the contents of the data cannot be guaranteed.
2.8.2
EEPMOV Instruction
EEPMOV is a block-transfer instruction and transfers the byte size of data indicated by R4 or
R4L, which starts from the address indicated by R5, to the address indicated by R6. Set R4, R4L,
and R6 so that the end address of the destination address (value of R6
+ R4L or R6 + R4) does not
exceed H'FFFF (the value of R6 must not change from H'FFFF to H'0000 during execution).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com