Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 18Page - Renesas Technology Corp H8/300H Datasheet HTML 19Page - Renesas Technology Corp H8/300H Datasheet HTML 20Page - Renesas Technology Corp H8/300H Datasheet HTML 21Page - Renesas Technology Corp H8/300H Datasheet HTML 22Page - Renesas Technology Corp H8/300H Datasheet HTML 23Page - Renesas Technology Corp H8/300H Datasheet HTML 24Page - Renesas Technology Corp H8/300H Datasheet HTML 25Page - Renesas Technology Corp H8/300H Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 552 page
background image
Rev. 3.00 May 15, 2007 Page xxii of xxxii
Figure 4.7 Pin Connection when not Using Subclock .................................................................. 69
Figure 4.8 Pin Connection when Inputting External Clock .......................................................... 70
Figure 4.9 Example of Crystal and Ceramic Resonator Assignment............................................ 72
Figure 4.10 Negative Resistance Measurement and Circuit Modification Suggestions ............... 73
Figure 4.11 Example of Incorrect Board Design .......................................................................... 74
Figure 4.12 Oscillation Stabilization Wait Time .......................................................................... 75
Section 5 Power-Down Modes
Figure 5.1 Mode Transition Diagram ........................................................................................... 84
Figure 5.2 Standby Mode Transition and Pin States..................................................................... 97
Figure 5.3 External Input Signal Capture when Signal Changes
before/after Standby Mode or Watch Mode ............................................................... 98
Section 6 ROM
Figure 6.1 Flash Memory Block Configuration.......................................................................... 100
Figure 6.2 Programming/Erasing Flowchart Example in User Program Mode.......................... 108
Figure 6.3 Program/Program-Verify Flowchart ......................................................................... 110
Figure 6.4 Erase/Erase-Verify Flowchart ................................................................................... 113
Figure 6.5 Module Standby Mode Setting.................................................................................. 116
Section 8 I/O Ports
Figure 8.1 Port 1 Pin Configuration............................................................................................ 119
Figure 8.2 Port 3 Pin Configuration............................................................................................ 124
Figure 8.3 Port 8 Pin Configuration............................................................................................ 128
Figure 8.4 Port 9 Pin Configuration............................................................................................ 132
Figure 8.5 Port B Pin Configuration...........................................................................................138
Figure 8.6 Input/Output Data Inversion Function....................................................................... 142
Section 9 Timer B1
Figure 9.1 Block Diagram of Timer B1...................................................................................... 145
Figure 9.2 Timer B1 Initial Setting Flow ................................................................................... 148
Figure 9.3 Processing Flow When Changing Setting during Counter Operation ....................... 149
Section 10 Timer W
Figure 10.1 Timer W Block Diagram......................................................................................... 155
Figure 10.2 Free-Running Counter Operation............................................................................ 166
Figure 10.3 Periodic Counter Operation..................................................................................... 167
Figure 10.4 0 and 1 Output Example (TOA = 0, TOB = 1)........................................................ 167
Figure 10.5 Toggle Output Example (TOA = 0, TOB = 1) ........................................................ 168
Figure 10.6 Toggle Output Example (TOA = 0, TOB = 1) ........................................................ 168
Figure 10.7 Input Capture Operating Example........................................................................... 169
Figure 10.8 Buffer Operation Example (Input Capture)............................................................. 170
Figure 10.9 PWM Mode Example (1) ........................................................................................ 171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com