| Electronic Components Datasheet Search |
|
H8/300H Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/300H Datasheet(HTML) 7 Page - Renesas Technology Corp |
|
7 / 552 page ![]() Rev. 3.00 May 15, 2007 Page vii of xxxii Notes: When using an on-chip emulator (E7) for H8/38602R program development and debugging, the following restrictions must be noted. 1. The NMI pin is reserved for the E7, and cannot be used. 2. Area H'4000 to H'4FFF should not be accessed. 3. Area H'F780 to H'FB7F should not be accessed. 4. When the E7 is used, NMI is an input/output pin (open-drain in output mode). 5. When on-board programming/erasing is performed in boot mode, the SCI3 (P31/RXD3 and P32/TXD3) is used. 6. When the on-chip emulator is used, even though the on-chip oscillator is selected, connect a resonator to OSC1 and OSC2 or input an external clock to OSC1. 7. When using the E7, set the FROMCKSTP bit in clock halt register 1 to 1. Related Manuals: The latest versions of all related manuals are available from our web site. Please ensure you have the latest versions of all documents you require. http://www.renesas.com/ H8/38602R Group manuals: Document Title Document No. H8/38602R Group Hardware Manual This manual H8/300H Series Software Manual REJ09B0213 User's manuals for development tools: Document Title Document No. H8S, H8/300 Series C/C++ Compiler, Assembler, Optimizing Linkage Editor User's Manual REJ10B0058 Microcomputer Development Environment System H8S, H8/300 Series Simulator/Debugger User's Manual ADE-702-282 H8S, H8/300 Series High-performance Embedded Workshop 3 Tutorial REJ10B0024 H8S, H8/300 Series High-performance Embedded Workshop 3 User's Manual REJ10B0026 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |