Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7643 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 218Page - Renesas Technology Corp 7643 Datasheet HTML 219Page - Renesas Technology Corp 7643 Datasheet HTML 220Page - Renesas Technology Corp 7643 Datasheet HTML 221Page - Renesas Technology Corp 7643 Datasheet HTML 222Page - Renesas Technology Corp 7643 Datasheet HTML 223Page - Renesas Technology Corp 7643 Datasheet HTML 224Page - Renesas Technology Corp 7643 Datasheet HTML 225Page - Renesas Technology Corp 7643 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 101 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
q Device request
The SETUP transaction in the setup stage of a control transfer is called a device request. The
device request defines the format of its data phase.
When type is standard (0): Standard device request
This is the basic device request necessary for all USB devices.
When type is class (1): Class device request
Device class is defined by the USB Implementers Forum (USB IF). The USB IF also determines
the requested configuration and class request.
Please refer to the Full-Speed USB2.0 specification for more details on each data format.
q Bulk transfer
Bulk IN transfer
The bulk IN transfer, which transmits data from the device to host CPU, continually repeats IN
transactions. The 7643 MCU issues a data packet in response to an IN token. When the data
is not transmitted successfully, the MCU sends one of the following responses.
- No response if the received IN token is broken.
- STALL handshake is returned if 7643 Group is stalled.
- NAK packet is returned if there is no transmit data in the IN FIFO.
Bulk OUT Transfer
The bulk OUT transfer, which transmits data from the host CPU to the device, continually
repeats OUT transactions.
When the 7643 MCU receives a data packet successfully, an ACK packet is returned. A successful
receive is the state in which there is no bit-stuffing error or CRC error, and the data PID was
received correctly.
DATA0 and DATA1 of data packet of next data phase are toggled during the handshake phase
of each transaction if the ACK packet sent by the receive side is received successfully by the
transmit side.
The 7643 MCU transmits the following responses when data is not successfully received.
- No response if the received data is broken.
- STALL handshake is returned if 7643 Group is stalled.
- ACK packet is returned if inconsistency of sequence bit in received data.
- NAK packet is returned if the 7643 Group OUT FIFO is full.
For more details, refer to the Full-Speed USB2.0 specification.
q Interrupt transfer
The interrupt transfer format is the same as that of the bulk transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com