| Electronic Components Datasheet Search |
|
7643 Datasheet(PDF) 219 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7643 Datasheet(HTML) 219 Page - Renesas Technology Corp |
|
219 / 424 page ![]() Rev.2.00 Aug 28, 2006 page 98 of 202 7643 Group REJ09B0133-0200 APPLICATION 2.6 USB Fig. 2.6.3 Transaction format ➀ IN transaction (Idle state) IN DATA0/1 NAK STAL L ACK ➁ OUT transaction OUT ACK NAK STALL DATA0/1 ➂ SETUP transaction SETUP ACK DATA0 ➃ Isochronous transaction (IN) IN DATA0/1 ➃ Isochronous transaction (OUT) OUT DATA0/1 : Token packet sent by host : Date packet sent by device : Handshake packet sent by device : Handshake packet sent by host : Date packet sent by host (Idle state) (Idle state) (Idle state) (Idle state) (Idle state) (Idle state) (Idle state) (Idle state) (Idle state) Outline of processing Host CPU informs device of operation process. Host CPU requests data transmit from device. Host CPU requests data receive from device. Host CPU informs start of frame to device. Indicates that the number of transfer data sequence bits is even. Indicates that the number of transfer data sequence bits is odd. Reports that data transmit was successfully completed. Reports that the device is in the transfer ready status. Reports that transfer was completed successfully. q Transaction A transaction is the unit in which the host CPU schedules 1 frame. Each transaction is comprised of packets. The transaction format is shown below. Table 2.6.1 USB PID list bit structure (bit 3 to bit 0) 11012 10012 00012 01012 00112 10112 00102 10102 11102 PID name SETUP IN OUT SOF DATA0 DATA1 ACK NAK STALL PID type Token Data Handshake |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |