Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 36Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 37Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 38Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 39Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 40Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 41Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 42Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 43Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 14 I2C-bus status
Table 15 I2C-bus SDRAM size
ADR
HEX
M
COMMAND
NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION
10
all
get running mode
R
1 byte
−
This command gets the actual running mode
from the SAA6752HS and is read-only. The
busy flag indicates that the SAA6752HS is
working at a control command. If the busy flag
is set, the SAA6752HS skips all received
I2C-bus commands.
bit 0 = 1
idle
bit 1 = 1
encoding
bit 2 = 1
stopped
bit 3 = 1
paused
bit 4 = 1
reserved
bit 5 = 1
busy flag
11
all
status mask
W
2 bytes (16 bits)
all 0’s
masking of events; see Table 11
bit = 0
event disabled
bit = 1
event enabled
12
all
interrupt status
R
2 bytes (16 bits)
−
This command allows reading a status
register. Reading the status will clear the
status and reset the interrupt assertion pin.
bit = 0
no event detected
bit = 1
event detected
13
all
get version
number
R
12 bytes
−−
This command allows reading of the current
MIPS® firmware version number, hardware
number and the audio DSP firmware number.
Each number contains 4 bytes.
ADR
HEX
M
COMMAND
NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION
20
I
bus width and
memory size
R/W 1 byte
16 bit
64 Mbit
bus width of the SDRAM interface and size of
connected SDRAM
bit[1:0] = 00
16 Mbit 16-bit wide
bit[1:0] = 10
64 Mbit 16-bit wide
bit[1:0] = 11
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com