Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 2Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 3Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 4Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 5Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 6Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 7Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 8Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 9Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
2004 Jan 26
6
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
Notes
1. MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer.
2. MPEG-2 video and MPEG-audio encoder with multiplexer, but without AC-3 audio encoder.
3. SAA6752HS/V103 is a replacement of SAA6752HS/V101 with enhanced functionality.
4. SAA6752HS/V104 is a replacement of SAA6752HS/V102 with enhanced functionality.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDP
digital supply voltage (pad cells)
3.0
3.3
3.6
V
VDDCO
digital supply voltage (core)
2.3
2.5
2.7
V
VDDA
analog supply voltage (oscillator and PLL)
2.3
2.5
2.7
V
IDD(tot)
total analog plus digital supply current
407
453
525
mA
Ptot
total power dissipation
0.95
1.16
1.48
W
fDCXO
quartz frequency (digital controlled tuning) 27
× [1 − (200 × 10−6)] 27
27
× [1 + (200 × 10−6)] MHz
fSDRAM
SDRAM clock frequency
−
108
−
MHz
fSCL
I2C-bus input clock frequency
100
−
400
kHz
B
output bit-rate
1.5
−
25
Mbit/s
VIH
HIGH-level digital input voltage
1.7
−
3.6
V
VIL
LOW-level digital input voltage
−0.5
−
+0.7
V
VOH
HIGH-level digital output voltage
VDDP − 0.4
−
VDDP
V
VOL
LOW-level digital output voltage
0
−
0.4
V
Tamb
ambient temperature
0
−
70
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA6752HS/V103(1)(3) SQFP208 plastic shrink quad flat package; 208 leads (lead length 1.3 mm);
body 28
× 28 × 3.4 mm; high stand-off height
SOT316-1
SAA6752HS/V104(2)(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com