Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 57Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 58Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 59Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 60Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 61Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 62Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 63Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 64Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
2004 Jan 26
61
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
3-state output with Imax = 4 mA: pins PDO0 to PDO7, PDOAV and PDOSYNC; note 2
VOL
LOW-level output voltage IOL =4mA
−−
0.4
V
VOH
HIGH-level output
voltage
IOH = −4mA
VDDP − 0.4
−
VDDP
V
Isc
short-circuit current
note 1
−55
−
+55
mA
ITL
3-state leakage current
VIH =VDDP;
VIL =VSSP
−1
−
+1
µA
CL
load capacitance
−−
30
pF
3-state output with Imax = 4 mA and pull-up resistor: pin PDOVAL; note 2
VOL
LOW-level output voltage IOL =4mA
−−
0.4
V
VOH
HIGH-level output
voltage
IOH = −4mA
VDDP − 0.4
−
VDDP
V
Isc
short-circuit current
note 1
−55
−
+55
V
Ipu(L)
LOW-level pull-up input
current
VIL =VSSP
−20
−50
−70
µA
Ipu(H)
HIGH-level pull-up input
current
VDDCO <VIH <VDDP −
010
µA
CL
load capacitance
−−
30
pF
Output with Imax = 4 mA: pins ACLK, CLKOUT, RTS, SM_A0 to SM_A17, SM_CS3, SM_OE, SM_WE, TDO and
TXD
VOL
LOW-level output voltage IOL =4mA
−−
0.4
V
VOH
HIGH-level output
voltage
IOH = −4mA
VDDP − 0.4
−
VDDP
V
Isc
short-circuit current
note 1
−55
−
+55
mA
ITL
3-state leakage current
VIH =VDDP;
VIL =VSSP
−1
−
+1
µA
CL
load capacitance
−−
30
pF
Output with Imax = 8 mA: pins SD_A0 to SD_A13, SD_CAS, SD_CKE, SD_CLK, SD_CS,
SD_DQM0 to SD_DQM3, SD_RAS and SD_WE
VOL
LOW-level output voltage IOL =8mA
−−
0.4
V
VOH
HIGH-level output
voltage
IOH = −8mA
VDDP − 0.4
−
VDDP
V
Isc
short-circuit current
note 1
−125
−
+125
mA
CL
load capacitance
−−
30
pF
I2C-bus interface: pins SCL and SDA; notes 3 and 4
fSCL
SCL clock frequency
100
−
400
kHz
VIL
LOW-level input voltage
−−
0.3VDDP
V
VIH
HIGH-level input voltage
0.7VDDP
−
3.6
V
Vhys
hysteresis voltage
−
0.05VDDP −
V
II
input current
−10
−
+10
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com