Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 53Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 54Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 55Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 56Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 57Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 58Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 59Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 60Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 26 I2C-bus output interface
ADR
HEX
M
COMMAND NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION
D0
I
R/W 1 byte
Defines the output interface in one byte
(collects all sub parameter bits in one byte).
All states defined are the active states
output protocol
bit[1:0] = 00
DIO slave mode
DIO slave
mode
DIO master mode: SAA6752HS delivers the
clock signal.
DIO slave mode: SAA6752HS receives the
clock signal.
bit[1:0] = 01
DIO master mode
bit[1:0] = 10
not applicable
bit[1:0] = 11
DEBI slave mode
data valid pin
polarity
bit 2 = 0
positive
positive
for the DEBI output protocol negative
polarity has to be selected
bit 2 = 1
negative
high-impedance
on/off
bit 3 = 0
off
on
Selection of high-impedance for output pin.
bit3=1
on
audio/video pin
polarity
bit 4 = 0
audio HIGH, video LOW
audio
HIGH,
video
LOW
bit 4 = 1
audio LOW, video HIGH
sync pin polarity
bit 5 = 0
positive
positive
bit 5 = 1
negative
data request pin
polarity
bit 6 = 0
negative
negative
bit 6 = 1
positive
PDO clock
frequency
bit 7 = 0
9 MHz
9 MHz
selection of clock frequency for DIO master
mode
bit 7 = 1
6.75 MHz
F6
I
insert leading null
bytes
W
2 bytes
number of bytes
00H
Defines the number of leading null bytes
(00H), which are delivered to the output
before the start of the stream.
Remark: After forced reconfigure command
the default value of 00H will be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com