Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 40Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 41Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 42Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 43Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 44Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 45Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 46Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 47Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 18 I2C-bus video front-end filters static/dynamic settings
ADR
HEX
M
COMMAND
NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION
50
I, E, P,
S
noise pre-filter
off/on
R/W 1 byte
off
enables or disables noise pre-filter and selects
the mode for this filter
bit[1:0] = 00
off
bit[1:0] = 01
median filter
bit[1:0] = 10
average filter
51
I, E, P,
S
noise pre-filter
coefficients
R/W 4 bytes
4
× 6 bits; bits 0 to 5 valid 33H, 20H,
16H, 0DH
defines the filter coefficients for the noise
pre-filter
52
I, E, P,
S
noise pre-filter
thresholds
R/W 3 bytes
3
× 6 bits; bits 0 to 5 valid 10, 15, 20 defines the threshold coefficients for the
median filter
53
I, E, P,
S
horizontal filter
off/on
R/W 1 byte
off
enables or disables the horizontal filter by
bypassing
bit 0 = 0
off
bit0=1
on
54
I, E, P,
S
horizontal filter
coefficients
R/W 16 bytes
array of word (8
× 10 bits) first word
= 256, the
others = 0
Defines the coefficients for the horizontal filter;
the default applies to D1 mode only. When
other subsampling modes are selected the
SAA6752HS automatically overwrites the
horizontal filter coefficients with the
appropriate parameters.
55
I, E, P,
S
horizontal filter
scaling factor
R/W 1 byte (4 bits)
0 to 15
8
Defines the scaling factor for the horizontal
filter; the default applies to D1 mode only.
When other subsampling modes are selected
the SAA6752HS automatically overwrites the
horizontal filter scaling parameter with the
appropriate parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com