| Electronic Components Datasheet Search |
|
SAA6752HS/V103 Datasheet(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA6752HS/V103 Datasheet(HTML) 47 Page - NXP Semiconductors |
|
47 / 71 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 65 I user data insertion mode R/W 1 byte 00H selects the user data insertion mode bit 0 = 0 always repeated external user data insertion into GOP header (user data 1) bit 0 = 1 only once bit 1 = 0 always repeated external user data insertion into picture header (user data 2) bit 1 = 1 only once bit 2 = 0 disabled Internal user data insertion of Closed Caption data into GOP header user data area according to DVD standard. Remark: Only one internal user data insertion mode can be active at the same time, either bit2=1 or bit3=1. bit 2 = 1 enabled bit 3 = 0 disabled Internal user data insertion of Closed Caption data into picture header user data area according to ATSC/NTSC standard. Remark: Only one internal user data insertion mode can be active at the same time, either bit2=1 or bit3=1. bit 3 = 1 enabled bit4=0 − Stop user data insertion into GOP header user data area. This bit can be used in all operation modes. Setting this bit to logic 1 (= stop) deletes the downloaded GOP user data and resets bit 2 to ‘disabled’. bit 4 = 1 stop bit5=0 − Stop user data insertion into picture header user data area. This bit can be used in all operation modes. Setting this bit to logic 1 (= stop) deletes the downloaded picture user data and resets bit 3 to ‘disabled’. bit 5 = 1 stop bit 6 reserved must be set to zero bit 7 reserved must be set to zero ADR HEX M COMMAND NAME R/W SIZE/POSITION PARAMETER/RANGE DEFAULT DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |