Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 60Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 61Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 62Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 63Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 64Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 65Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 66Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 67Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
2004 Jan 26
64
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
SDRAM interface data, address and control timing: pins SD_DQ31 to SD_DQ0, SD_A13 to SD_A0, SD_CAS,
SD_RAS, SD_WE and SD_OE
Tcy
cycle time
fsys = 27 MHz
−
9.26
−
ns
tCAS
CAS latency time
−
3
−
clock
cycles
tRCD
row to column delay time
−
3Tcy
−
ns
tRRD
activate to activate delay
time
−
2Tcy
−
ns
tRP
row precharge time
−
3Tcy
−
ns
tWR
write recovery time
−
2Tcy
−
ns
tRSC
mode register set cycle
time
−
2Tcy
−
ns
tRAS
row activate time
−
6Tcy
−
ns
tRC
row cycle time
−
8Tcy
−
ns
tpower-up
wait time after power-on
500
515
−µs
td(C-D)
clock to data output
delay
CL(SD_CLK) = 15 pF;
CL(SD_DQn) = 8 pF;
fSD_CLK = 108 MHz
2.5
4.0
5.0
ns
td(C-A)
clock to address output
delay
CL(SD_CLK) = 15 pF;
CL(SD_An) = 8 pF;
fSD_CLK = 108 MHz
2.5
4.0
5.0
ns
tsu(D)
data input set-up time
1
−−
ns
th(D)
data input hold time
2.5
−−
ns
Data output interface timing: pins PDO7 to PDO0, PDIDS, PDOSYNC, PDOAV and PDIOCLK
tl-o(PDIDS-PDOVAL) PDIDS to PDOVAL
low-ohmic time
DEBI slave mode
0
−
20
ns
tl-o(PDIDS-PDO)
PDIDS to PDO[7:0]
low-ohmic time
DEBI slave mode
0
−
20
ns
tstab(PDO-PDOVAL)
PDO[7:0] data stable to
falling PDOVAL time
DEBI slave mode
10
−−
ns
tr(PDOVAL-PDO)
rising
PDOVAL to PDO[7:0]
high-impedance time
DEBI slave mode
10
−−
ns
th(PDO-PDIOCLK)
PDO[7:0] data to
PDIOCLK hold time
DIO master mode;
PDOVAL = 1
10
−−
ns
tsu(PDO-PDIOCLK)
PDO[7:0] data to
PDIOCLK set-up time
DIO master mode;
PDOVAL = 1
10
−−
ns
ti(PDIOCLK)H
input PDIOCLK HIGH
time
DIO slave mode
55
−−
ns
ti(PDIOCLK)L
input PDIOCLK LOW
time
DIO slave mode
55
−−
ns
tstab(PDIOCLK-PDO) falling input PDIOCLK to
PDO[7:0] data stable
time
DIO slave mode;
PDOVAL = 1
36
−
58
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com