Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 58Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 59Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 60Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 61Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 62Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 63Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 64Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 65Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
2004 Jan 26
62
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
VOL
LOW-level output
voltage; open-drain
3 mA sink current
0
−
0.4
V
tLOW
SCL LOW time
1.3
−−
µs
tHIGH
SCL HIGH time
0.6
−−
µs
tr(I2C)
rise time of both SDA
and SCL
−−
0.3
µs
tf(I2C)
fall time of both SDA and
SCL
−−
0.3
µs
tSU;DAT
data set-up time
100
−−
ns
tHD;STA
hold time START
condition
0.6
−−
µs
tSU;STO
set-up time STOP
condition
0.6
−−
µs
Video clock input timing: pins VCLK1 and VCLK2; see Fig.15
Tcy
cycle time
35
37
39
ns
δ
duty factor
tHIGH/Tcy
40
50
60
%
tr(VCLK)
rise time
VI = 0.8 to 2 V
−−
5ns
tf(VCLK)
fall time
VI = 2 to 0.8 V
−−
6ns
Video input data and control timing: pins YUV7 to YUV0, FID, HSYNC and VSYNC; see Fig.15
tSU;DAT
data set-up time
6
−−
ns
tHD;DAT
data hold time
3
−−
ns
Video input parameter range
fi(D)
data input frequency rate frame-locked;
notes 5 and 6
25.46
27
28.54
MHz
fH
line frequency
625 lines; note 6
14734
15625
16515
kHz
525 lines; note 6
14837
15734
16631
kHz
fV
field frequency
625 lines;
notes 7 and 8
46
50
50.75
kHz
525 lines;
notes 7 and 8
55
60
60.9
kHz
Nal/f
active lines/field
625 lines;
notes 7 and 9
265
288
311
525 lines;
notes 7 and 9
221
240
259
Crystal oscillator: pins XTALI and XTALO; note 10
fXTAL
fundamental frequency
note 11
27
×
(1
− 80 × 10−6)
27
27
×
(1+80
× 10−6)
MHz
fstab
MPEG2 frequency
stability
note 11
27
×
(1
− 30 × 10−6)
−
27
×
(1+30
× 10−6)
MHz
CL
load capacitance
8
10
12
pF
VIL
LOW-level input voltage
if used with external
clock
−0.5
−
+0.7
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com