Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 25Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 26Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 27Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 28Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 29Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 30Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 31Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 32Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
2004 Jan 26
29
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
Table 7
Audio metabytes data
Note
1. This is the same value as used to generate the PTS value.
BYTE
(HEX)
NAME
LSB/
MSB
BIT
DESCRIPTION
00
identification
0 to 7
AAH; audio
01
flags
0
reserved
1
‘terminated audio flag’; this flag is only set at the end of a
recording session and indicates that this sector is not completely
filled with audio data
2
‘synchronization flag’; indicates that the audio data in the sector is
related in time to the beginning of a Video Object Unit (VOBU)
3
reserved
4
reserved
5 to 7
audio pack type:
000: MPEG-1 layer 2 or MPEG-2 without extension
010: MPEG-2 with extension
011: DDCE
100: DTS-1 (512 samples/frame)
101: reserved
110: reserved
111: LPCM 16-bit stereo 48 kHz
02
data length
LSB
0 to 7
amount of non-stuffing bytes minus one
03
MSB
0 to 7
04
time stamp
LSB
0 to 7
The value of the STC at the moment that the first byte of the first
frame arrived at the input. Only 32 bits are used; note 1.
05
0 to 7
06
0 to 7
07
MSB
0 to 7
08
reserved
0 to 7
00
09
frame start count
0 to 7
the amount of frame starts in the sector
0A
first frame position
LSB
0 to 7
position (in bytes) of the first frame in the sector
0B
MSB
0 to 7
0C
last frame position
LSB
0 to 7
position (in bytes) of the last frame in the sector
0D
MSB
0 to 7
0E
reserved
0 to 7
00
0F
reserved
0 to 7
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com