Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 42Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 43Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 44Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 45Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 46Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 47Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 48Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 49Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
60
I
VBI mode select
(continued)
W
continued
unsliced data
−
sent in case of unsliced input data
bit[20:16]
line number for bottom,
0to31
line number for bottom field as set by the
video input
bit[28:24]
line number for top,
0to31
line number for top field as set by the video
input
bit[37:32]
reserved
must be set to zero
bit 38 = 1
field qualifier mask
line field 1
match if field = ‘top’ and line = ‘line number’
bit 39 = 1
field qualifier mask
line field 2
match if field = ‘bottom’ and
line = ‘line number’
61
I
WSS data enable
R/W 1 byte
disabled
enables or disables WSS data extraction
bit[1:0] = 00
disabled
bit[1:0] = 01
enabled
bit[1:0] = 10
enabled without checksum
62
all
WSS read data
R
2 bytes
−−
WSS data and flag indicating valid data
bit[13:0]
WSS data
bit 15 = 0
valid data
bit 15 = 1
invalid or previous data
63
I
CC data enable
R/W 1 byte
disabled
enables the closed caption data extraction
bit 0 = 0
disabled
bit 0 = 1
enabled
64
all
CC read data
R
3 bytes
−
CC data and flags indicating valid data and
current field
bit[15:0]
CC data
bit 16 = 0
top field
bit 16 = 1
bottom field
bit 23 = 0
valid data
bit 23 = 1
invalid data
ADR
HEX
M
COMMAND NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com