Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 37Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 38Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 39Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 40Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 41Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 42Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 43Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 44Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 16 I2C-bus clock static/dynamic settings
ADR
HEX
M
COMMAND
NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION
30
I
clock mode
R/W 1 byte
mode 1
bit[1:0] = 01
mode 1
mode 1: crystal frequency fixed; SCR
frequency frame locked to V-sync
bit[1:0] = 10
mode 2
mode 2: crystal frequency frame locked to
V-sync
bit[1:0] = 11
mode 3
mode 3: crystal frequency fixed
31
I
clock source
R/W 1 byte
crystal
clock
This command is used to switch from an
internal crystal controlled clock source to an
external clock source and vice versa.
bit0=0
crystal clock
bit1=1
external clock
32
I
clock auto mode
R/W 1 byte
mode
fixed
This command sets the behaviour of the
SAA6752HS in Clock mode 2 if video sync
cannot be achieved. Either mode 2 is
continued or the SAA6752HS will
automatically switch to mode 1 or mode 3, as
selected.
bit[1:0] = 00
mode fixed
bit[1:0] = 01
enable mode 2 and 1
auto-switch
bit[1:0] = 10
enable mode 2 and 3
auto-switch
33
I
enable system
clock output
R/W 1 byte
disable
This command outputs the internal crystal
generated clock (27 MHz) to an output
pin CLKOUT for use in other parts of an
application.
bit0=0
disabled
bit0=1
enabled
34
all
adjust crystal
oscillator
R/W 1 byte
−128 to +127
0
adjust the frequency of the oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com