Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 7Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 8Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 9Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 10Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 11Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 12Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 13Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 14Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
2004 Jan 26
11
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
SD_DQ21
117
input/output
8
reserved (do not connect)
SD_DQ25
118
input/output
8
reserved (do not connect)
VDDP
119
supply
−
pad ring supply voltage (3.3 V)
SD_DQ22
120
input/output
8
reserved (do not connect)
SD_DQ24
121
input/output
8
reserved (do not connect)
SD_DQ23
122
input/output
8
reserved (do not connect)
EXTCLK
123
input
−
27 MHz external clock input with internal pull-up resistor
VSSP
124
ground
−
pad ground
VSSA
125
ground
−
oscillator analog ground
XTALI
126
analog input
−
crystal oscillator input (27 MHz); note 2
XTALO
127
analog output
−
crystal oscillator output (27 MHz)
VDDA
128
supply
−
oscillator analog supply voltage (2.5 V)
VSSCO
129
ground
−
core ground
VSSCO
130
ground
−
core ground
VDDCO
131
supply
−
core supply voltage (2.5 V)
VDDCO
132
supply
−
core supply voltage (2.5 V)
VDDP
133
supply
−
pad ring supply voltage (3.3 V)
TDI
134
input
−
boundary scan test data input; pin must float or set to HIGH
during normal operating; with internal pull-up resistor; note 3
TMS
135
input
−
boundary scan test mode select; pin must float or set to HIGH
during normal operating; with internal pull-up resistor; note 3
TCK
136
input
−
boundary scan test clock; pin must be set to LOW during
normal operating; with internal pull-up resistor; note 3
TDO
137
3-state output
4
boundary scan test data output; pin not active during normal
operating; with 3-state output; note 3
VSSP
138
ground
−
pad ground
TRST
139
input
−
test reset input (active LOW), for boundary scan test (with
internal pull-up resistor); notes 3 and 4
CLKOUT
140
output
4
27 MHz system clock output
TEST0
141
input/output
4
reserved (do not connect)
TEST1
142
input/output
4
reserved (do not connect)
VDDP
143
supply
−
pad ring supply voltage (3.3 V)
TEST2
144
input/output
4
reserved (do not connect)
SDA
145
input/open-drain
output
−
I2C-bus serial data input/output
SCL
146
input/open-drain
output
−
I2C-bus serial clock input/output
RESET
147
input
−
reset input (active LOW); with internal pull-up resistor
VSSP
148
ground
−
pad ground
RTS
149
output
4
reserved (do not connect); Universal Asynchronous
Receiver/Transmitter (UART) request to send output (active
LOW)
SYMBOL
PIN
INPUT/OUTPUT(1)
Imax
(mA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com