Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 8Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 9Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 10Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 11Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 12Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 13Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 14Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 15Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
2004 Jan 26
12
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
CTS
150
input
−
reserved (recommended connect to pin VDDP); UART clear to
send input; external static memory select input (active LOW);
with internal pull-up resistor
RXD
151
input
−
reserved (recommended connect to pin VDDP); UART receive
data; internal boot select input; with internal pull-up resistor
TXD
152
output
4
reserved (do not connect); UART transmit data
VDDP
153
supply
−
pad ring supply voltage (3.3 V)
SM_LB
154
input/output
4
reserved (do not connect)
SM_UB
155
input/output
4
reserved (do not connect)
H_IRF
156
3-state output
4
host interrupt flag output; with internal pull-up resistor
(active LOW)
VSSP
157
ground
−
pad ground
SM_OE
158
output
4
reserved (do not connect); static memory output enable output
(active LOW)
SM_A9
159
output
4
reserved (do not connect); static memory address output bit 9
SM_A10
160
output
4
reserved (do not connect); static memory address output bit 10
VDDP
161
supply
−
pad ring supply voltage (3.3 V)
SM_A8
162
output
4
reserved (do not connect); static memory address output bit 8
SM_A11
163
output
4
reserved (do not connect); static memory address output bit 11
SM_A7
164
output
4
reserved (do not connect); static memory address output bit 7
SM_A12
165
output
4
reserved (do not connect); static memory address output bit 12
VSSP
166
ground
−
pad ground
SM_A6
167
output
4
reserved (do not connect); static memory address output bit 6
SM_A13
168
output
4
reserved (do not connect); static memory address output bit 13
SM_A5
169
output
4
reserved (do not connect); static memory address output bit 5
SM_A14
170
output
4
reserved (do not connect); static memory address output bit 14
VDDP
171
supply
−
pad ring supply voltage (3.3 V)
SM_WE
172
output
4
reserved (do not connect); static memory write enable output
(active LOW)
SM_D7
173
input/output
4
reserved (do not connect); static memory data input/output
bit 7 with internal pull-down resistor
SM_D8
174
input/output
4
reserved (do not connect); static memory data input/output
bit 8 with internal pull-down resistor
SM_D6
175
input/output
4
reserved (do not connect); static memory data input/output
bit 6 with internal pull-down resistor
VSSP
176
ground
−
pad ground
SM_D9
177
input/output
4
reserved (do not connect); static memory data input/output
bit 9 with internal pull-down resistor
SM_D5
178
input/output
4
reserved (do not connect); static memory data input/output
bit 5 with internal pull-down resistor
SM_D10
179
input/output
4
reserved (do not connect); static memory data input/output
bit 10 with internal pull-down resistor
SYMBOL
PIN
INPUT/OUTPUT(1)
Imax
(mA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com