Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 44Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 45Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 46Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 47Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 48Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 49Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 50Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 51Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 20 I2C-bus video encoder: general
ADR
HEX
M
COMMAND NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION
70
I
disable video
encoder
R/W 1 byte
enabled
Specifies if the video encoder is enabled.
If the video encoder is disabled, no video
data will be inserted in the output stream.
bit 0 = 0
enabled
bit 0 = 1
disabled
71
I
bit rate mode
R/W 1 byte
VBR
defines the encoding bit rate control mode
(variable or constant bit rate)
bit 0 = 0
VBR
bit 0 = 1
CBR
72
I
GOP definition
R/W 2 bytes
0001H:
M=0;
N=1
Defines the used GOP structure as (N.M),
where ‘N’ is the number of frames per GOP
and ‘M’ is the distance of 2 sequential I- or
P-frames (reference frame distance);
distance = 0 is I-frame coding; see Table 3
for meaningful combinations.
byte 0
distance (M) (0 to 3)
byte 1
length (N) (0 to 19)
73
I, E, P,
S
user data GOP
header
R/W 64 bytes
all 0
Specifies the data to be inserted into the
GOP header.
74
I, E, P,
S
number of user data
GOP
R/W 1 byte
0
Specifies the amount of user data to be
inserted into the GOP header.
75
I, E, P,
S
number of user data
picture header
R/W 1 byte
0
Specifies the amount of user data to be
inserted into the picture header.
76
I, E, P,
S
user data picture
header
R/W 64 bytes
all 0
Specifies the data to be inserted into the
picture header. If internal user data insertion
of Closed Caption data into the GOP header
is active and the GOP size is larger than 9,
then the insertion of user data to the picture
header is not available.
77
I, E, P,
S
noise filter
coefficients
R/W 2 bytes
off
Defines the noise filter coefficients gain and
criterion scale.
byte 0
gain
byte 1
criterion
78
I
adaptive
quantization depth
R/W 1 byte
0 to 128
32
Selects the depth of quantization
adaptation; 0 for no adaptation, 128 for
maximum adaptation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com