Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 28Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 29Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 30Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 31Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 32Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 33Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 34Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 35Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
2004 Jan 26
32
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
7.8.4.2
DIO slave mode
The SAA6752HS can be enabled in a DIO slave mode where the data receiver acts as master. PDO, PDOSYNC and
PDOAV are clocked out by the internal clock; earliest two internal clock cycles e.g. 36 to 58 ns after the falling edge of
the external clock. The external clock PDIOCLK should not exceed a maximum of 9 MHz. The PDOVAL signal still
indicates if data is available in the output buffer. To operate in this mode, the PDIDS request input must be set to logic 1.
handbook, full pagewidth
MHC137
OUTPUT INTERFACE
SAA6752HS
DATA RECEIVER
PDIOCLK
PDOSYNC
PDOAV
PDO[7:0]
PDOVAL
DATA
CLOCK
DSYNC
AUDIO/VIDEO QUALIFIER
VALID
'1'
PDIDS
Fig.10 DIO slave mode protocol.
handbook, full pagewidth
MHC138
10
00
01
BA
PDIOCLK
PDO [7:0]
PDOVAL
Fig.11 Data transfer in DIO slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com