Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 5Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 6Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 7Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 8Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 9Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 10Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 11Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 12Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
2004 Jan 26
9
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
PDO1
37
3-state output
4
parallel stream data output bit 1
PDO2
38
3-state output
4
parallel stream data output bit 2
VDDP
39
supply
−
pad ring supply voltage (3.3 V)
PDO3
40
3-state output
4
parallel stream data output bit 3
PDO4
41
3-state output
4
parallel stream data output bit 4
PDO5
42
3-state output
4
parallel stream data output bit 5
PDO6
43
3-state output
4
parallel stream data output bit 6
VSSP
44
ground
−
pad ground
PDO7
45
3-state output
4
parallel stream data output bit 7 (MSB)
PDIOCLK
46
input/output
4
parallel stream clock input/output
I2CADDRSEL
47
input
−
I2C-bus address select input with internal pull-up resistor
SD_DQ15
48
input/output
8
SDRAM data input/output bit 15 (MSB)
VDDP
49
supply
−
pad ring supply voltage (3.3 V)
SD_DQ0
50
input/output
8
SDRAM data input/output bit 0 (LSB)
SD_DQ14
51
input/output
8
SDRAM data input/output bit 14
SD_DQ1
52
input/output
8
SDRAM data input/output bit 1
VSSP
53
ground
−
pad ground
SD_DQ13
54
input/output
8
SDRAM data input/output bit 13
SD_DQ2
55
input/output
8
SDRAM data input/output bit 2
SD_DQ12
56
input/output
8
SDRAM data input/output bit 12
VDDP
57
supply
−
pad ring supply voltage (3.3 V)
SD_DQ3
58
input/output
8
SDRAM data input/output bit 3
SD_DQ11
59
input/output
8
SDRAM data input/output bit 11
SD_DQ4
60
input/output
8
SDRAM data input/output bit 4
SD_DQ10
61
input/output
8
SDRAM data input/output bit 10
VSSP
62
ground
−
pad ground
SD_DQ5
63
input/output
8
SDRAM data input/output bit 5
SD_DQ9
64
input/output
8
SDRAM data input/output bit 9
SD_DQ6
65
input/output
8
SDRAM data input/output bit 6
SD_DQ8
66
input/output
8
SDRAM data input/output bit 8
VDDP
67
supply
−
pad ring supply voltage (3.3 V)
SD_DQ7
68
input/output
8
SDRAM data input/output bit 7
SD_DQM1
69
output
8
SDRAM data mask enable output bit 1
SD_DQM0
70
output
8
SDRAM data mask enable output bit 0 (LSB)
SD_WE
71
output
8
SDRAM write enable output (active LOW)
VSSP
72
ground
−
pad ground
SD_CAS
73
output
8
SDRAM column address strobe output (active LOW)
SD_CLK
74
output
8
SDRAM clock output
SD_RAS
75
output
8
SDRAM row address strobe output (active LOW)
SD_CKE
76
output
8
SDRAM clock enable output
SYMBOL
PIN
INPUT/OUTPUT(1)
Imax
(mA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com