Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 39Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 40Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 41Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 42Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 43Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 44Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 45Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 46Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
45
I
horizontal shift
R/W 2 bytes
0 to 511 (bits 0 to 8)
0 (D1, 2/3D1)
or
8(1/2D1, SIF)
defines the number of shifted cycles for
every line; remark: 4 cycles correspond to
2 pixels; only multiple of 4 should be
programmed
46
I
sync polarity
R/W byte
000
defines the polarity of the sync signals
bit 0 = 0
H-sync signal HIGH for
horizontal blanking
bit 0 = 1
H-sync signal LOW for
horizontal blanking
bit 1 = 0
V-sync signal HIGH for
vertical sync
bit 1 = 1
V-sync signal LOW for
vertical sync
bit 2 = 0
FID signal LOW for first
field
bit 2 = 1
FID signal HIGH for first
field
47
I
disable forced
field toggle
R/W
bit 0 = 0
enable forced field toggle
0
If no FID polarity transitions are detected
in the input signal, then an internal toggle
of FID polarity ensures the encoding of
some frames.
bit 0 = 1
disable forced field toggle
If no FID polarity transitions are detected
in the input signal, then no frames are
encoded.
ADR
HEX
M
COMMAND
NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com