Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 21Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 22Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 23Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 24Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 25Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 26Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 27Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 28Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
2004 Jan 26
25
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
7.4.4
AUDIO INPUT PROCESSING
In order to be able to cope with analog and digital sources, the I2S input ports can be configured as master (analog) or
slave (digital). For the slave mode however, a sample rate converter will be involved, except for DVD-compliant audio
bypass. Table 4 reflects the different configuration possibilities.
Table 4
Audio input processing modes
Notes
1. Processing modes can be changed when SAA6752HS is in Idle mode.
2. In master mode, the external audio source must use the SAA6752HS audio clock as a clock source.
3. A sample rate conversion process will convert incoming data to a nominal 48 kHz audio frequency that is locked to
V-sync of the video input signal (if present). The sample rate converter is not enabled for DVD-compliant bypass
mode.
4. The sample rate conversion input frequency range has been selected to be compatible with class 2 SPDIF receivers.
5. 24-bit input option only applies to I2S input formats, in this event it will be truncated to 20 bits internally in the
SAA6752HS before processing. EIAJ formats are limited to 20 bits maximum.
6. Only for SAA6752HS/V103.
7. In systems that use 16 Mbit SDRAM due to system architecture constraints, LPCM bypass must be restricted to be
used with I and IP video encoding only. There is no constraint if 64 Mbit SDRAM is used.
8. The IEC 60958 format defines 20 bits for an audio sample, plus 4 auxiliary bits, which can be used to extend the word
length. IEC 61937 uses only 16 data bits of each IEC 60958 sub-frame. It depends on the settings of an external
SPDIF to I2S converter if 16, 18, 20 or 24 bits are transferred to the SAA6752HS.
9. For DVD-compliant bypass mode the audio clock must be locked to the video clock externally.
PROCESSING MODE(1)
AUDIO CONTENT
FORMAT
INPUT SAMPLE
FREQUENCY (kHz)
NO. OF
ENCODED
BITS
ENCODED
BIT RATE
(kbit/s)
MASTER(2)
SLAVE(3)(4)
MPEG-1 L2 encoding
LPCM at 16, 18, 20
or 24 bits(5)
48
32 kHz
±0.1%
44.1 kHz
±0.1%
48 kHz
±0.1%
20
256, 384
DDC encoding(6)
LPCM at 16, 18, 20
or 24 bits(5)
48
32 kHz
±0.1%
44.1 kHz
±0.1%
48 kHz
±0.1%
20
256, 384
LPCM bypass (uncompressed
audio format)(7)
LPCM at 16, 18, 20
or 24 bits(5)
48
32 kHz
±0.1%
44.1 kHz
±0.1%
48 kHz
±0.1%
16
−
DVD-compliant audio bypass
16 bits(8)
−
48 kHz(9)
16
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com