Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 26Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 27Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 28Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 29Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 30Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 31Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 32Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 33Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
2004 Jan 26
30
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
7.8
MPEG stream output port
7.8.1
GENERAL
The MPEG stream output port connects the SAA6752HS
multiplexer output to the outside world. The parallel
interface performs a parallel output transition of audio and
video data to an externally connected device and supports
3-bus protocol modes.
7.8.2
OUTPUT PORT CONFIGURATION OPTIONS
The following configuration options can be selected from
the host:
• OUTPUT PROTOCOL. Three output protocols can be
selected: DIO slave mode, DIO master mode and DEBI
slave mode and associated signalling pin polarities.
• OUTPUT DISABLE. Output can be set to
high-impedance if the SAA6752HS is not used in
application.
7.8.3
DATA OUTPUT FORMAT
The data to be transmitted have a width of 8 bits in all
modes. The data output port supports DIO and DEBI bus
protocols. The bus protocol mode is set via an I2C-bus
controlled register. The DEBI protocol provides only a
transmission of 8-bit data block transfer without address
decoding.
7.8.4
PROTOCOL DESCRIPTION
Table 8
Output port definitions
7.8.4.1
DIO master mode
The PDIOCLK clock for the DIO interface is derived from
the system clock by a division of the 27 MHz clock by 3 or
by 4, generating a data output clocked at 9 or 6.75 MHz.
A PDOVAL signal indicates whether current data at the
output is valid. If the output buffer is empty the PDOVAL
signal will stay LOW. The number of valid pulses indicate
the real number of data transmissions. The signal
PDOSYNC in conjunction with PDOVAL indicates the first
byte of a transport stream packet.
PORT
I/O
DESCRIPTION
PDIDS
I
Request from external system if
interface is in DEBI slave mode.
PDIOCLK
I/O Output clock to the external system if
interface is set to DIO master mode.
Input clock to the SAA6752HS if
interface is set to DIO slave mode.
PDO[7:0]
O
output data (8-bit parallel)
PDOSYNC
O
Indicates a first byte of a data packet
(for transport streams in DIO mode).
PDOAV
O
Indicates when an audio packet is
output (for transport stream).
PDOVAL
O
Indicates whether currently sent data
is valid.
handbook, full pagewidth
MHC134
OUTPUT INTERFACE
SAA6752HS
DATA RECEIVER
PDIOCLK
PDOSYNC
PDOAV
PDO[7:0]
PDOVAL
DATA
CLOCK
DSYNC
AUDIO/VIDEO QUALIFIER
VALID
n.c.
PDIDS
Fig.7 DIO master mode protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com