Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 32Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 33Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 34Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 35Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 36Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 37Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 38Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 39Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
2004 Jan 26
36
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
Table 11 Interrupt status definition
STATUS
WORD BIT
EXCEPTION CONDITION
RESPONSE IF EXCEPTION IS DETECTED
0
video copyright violation
SAA6752HS continues encoding; note 1.
1
input video signal not detected or lost
SAA6752HS continues encoding but outputs audio ES
packets only; SAA6752HS will resynchronize if video
input is recommenced; notes 2 to 4.
2
when a difference between the V-sync period
in I2C-bus settings and in the video input signal
is detected
SAA6752HS continues but frames may be lost during
the event.
3
Clock mode 2 out of range
If enabled, the SAA6752HS PLL will auto-switch to
Clock mode 1 or 3 as programmed.
4
output buffer overflow (due to loss of data read
command)
Stream output stops or corrupted data will be
delivered; reset or forced reconfigure needed to
recover.
5
video and audio frames out of alignment
Ratio between number of generated audio frames and
number of generated video frames is not nominal; time
stamps remain correct; note 5.
6
input audio not DVD-compliant (to IEC 61937)
SAA6752HS continues encoding but will not include
audio packets.
• incorrect Preamble Pc
• sampling frequency out of range
• bit rate out of range
7
audio format change detected in DVD bypass
mode
SAA6752HS continues encoding but will not include
audio packets.
8
audio pause burst detected
SAA6752HS continues operation.
9
SAA6752HS mode transition complete;
desired operation mode has been reached
SAA6752HS continues operation.
if external user data insertion in mode ‘only
once’ is active: insertion of user data has
been finished and the host can send new
user data
10
illegal I2C-bus command
SAA6752HS ignores the I2C-bus command.
• I2C-bus command not recognized
• command in invalid mode
• command parameter error
11
general error
SAA6752HS will go to Idle mode if time-out is enabled
or stop operating if time-out is disabled; in case of the
later a forced reconfigure is recommended.
12
input audio word select signal not detected or
audio stream stopped after exception status
bit 4, 6, 7 or 8
SAA6752HS continues encoding but outputs video ES
packets only; transition to STOP needed to recover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com