Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 51Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 52Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 53Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 54Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 55Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 56Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 57Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 58Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
B3
I
video PES ID
R/W 8 bits
E0H to EFH
E0H
Stream ID for video PES header; must be set
for TS, PS and PES output.
B4
I
audio PES ID
R/W 8 bits
C0H to DFH
C0H
Stream ID for audio PES header; must be set
for TS, PS and PES output.
B5
I
PES original
copy and
copyright
R/W 1 byte
copy, no
copyright
Copy and copyright setting in audio and video
PES header.
bit0=1
original
bit0=0
copy
bit1=1
copyright
bit1=0
no copyright
B6
I
multiplexer
special DVD PS
settings
R/W 1 byte
2 GOPs,
off,
metabyte,
0 (NAV
packet),
inserted
(PES
header)
bit[3:0]
1 to 15, number of
GOP/VOBU
The number of GOPs per VOBU for PS output.
bit4=0
metabyte output off
Enables/disables the output of metabytes for
PS (DVD) and pack stream modes.
bit4=1
metabyte output on
bit[6:5]
0 to 3, time slot
reservation for NAV
packets
Specifies the number of reserved time slots for
navigation packets and DVD recorder data.
bit7=0
inserted
Determines if the PES header extension is
inserted into the stream; this applies to
program stream and pack stream modes.
Remark: For DVD-compliance, the PES
header extension must be inserted.
bit7=1
not inserted
B7
I
audio substream
ID
R/W 1 byte
−
00
audio substream ID; for PS (DVD) or PES
(DVD) only
B8
E
current system
bit rate
R
2 bytes
−−
Current system bit rate of the system stream in
kbit/s (= 1000 bit/s); applies for PS and TS
modes. The parameter includes the number of
stuffing bytes. During pause mode, this
address will read back the value of the last
GOP before the pause command.
B9
I
enable MPEG
end code
R/W 1 byte
disable
Enables the MPEG end code (for program
stream only).
bit0=1
enable
bit0=0
disable
ADR
HEX
M
COMMAND
NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com