Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V103 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 59Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 60Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 61Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 62Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 63Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 64Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 65Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 66Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
2004 Jan 26
63
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
VIH
HIGH-level input voltage
if used with external
clock
1.7
−
VDDA
V
Cshunt
shunt capacitance
−−
7pF
Rs
serial resistance
−−
25
Ω
Crystal oscillator tuning: pins XTALI and XTALO; note 10
Ntune
tuning steps
−127
−
+128
Ctune(min)
minimum internal tuning
capacitance to VSSA
Ntune = 128
−
8
−
pF
Ctune(max)
maximum internal tuning
capacitance
Ntune = −127
−
72
−
pF
fstep
crystal frequency offset
per tuning step
14
42
70
Hz
External clock input: pin EXTCLK
fEXTCLK
external frequency
square wave;
note 11
25.7
27.0
28.3
MHz
δ
duty factor
tHIGH/Tcy
40
50
60
%
tr(EXTCLK)
rise time
VI = 0.7 to 1.7 V
−−
5ns
tf(EXTCLK)
fall time
VI = 1.7 to 0.7 V
−−
6ns
I2C-bus address select input: pin I2CADDRSEL
VIL
LOW-level input voltage
for I2C-bus addresses
40H and 41H
−0.5
−
+0.7
V
VIH
HIGH-level input voltage
for I2C-bus addresses
42H and 43H
1.7
−
VDDP
V
Reset input: pin RESET
VIL
LOW-level input voltage
for active reset
−0.5
−
+0.7
V
tstart
start time of first reset
pulse after power-on
−
010
µs
tlength
length of reset pulse
after power-on and after
sleep
10
−−
ms
tinit
initialization phase after
reset pulse until I2C-bus
commands are accepted
−−
1s
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com