Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 128 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 128 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 124Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 125Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 126Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 127Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 128Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 129Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 130Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 131Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 132Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 440 page
background image
Clock Generator Module (CGM)
Data Sheet
MC68HC908AP Family — Rev. 2.5
128
MOTOROLA
8.8.3 Choosing a Filter
As described in 8.8.2 Parametric Influences on Reaction Time, the
external filter network is critical to the stability and reaction time of the
PLL. The PLL is also dependent on reference frequency and supply
voltage.
Either of the filter networks in Figure 8-10 is recommended when using
a 32.768kHz reference clock (CGMRCLK). Figure 8-10 (a) is used for
applications requiring better stability. Figure 8-10 (b) is used in low-cost
applications where stability is not critical.
Figure 8-10. PLL Filter
1 k
Ω
10 nF
0.22
µF
VSSA
0.22
µF
VSSA
(a)
(b)
CGMXFC
CGMXFC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com