Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 131 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 131 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 127Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 128Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 129Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 130Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 131Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 132Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 133Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 134Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 135Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 440 page
background image
System Integration Module (SIM)
SIM Bus Clock Control and Generation
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
131
9.2 SIM Bus Clock Control and Generation
The bus clock generator provides system clock signals for the CPU and
peripherals on the MCU. The system clocks are generated from an
incoming clock, CGMOUT, as shown in Figure 9-3. This clock can come
from either an external oscillator or from the on-chip PLL. (See Section
8. Clock Generator Module (CGM).)
Addr.
Register Name
Bit 7
654321
Bit 0
$FE00
SIM Break Status Register
(SBSR)
Read:
RRRRRR
SBSW
R
Write:
NOTE
Reset:
00000000
Note: Writing a logic 0 clears SBSW.
$FE01
SIM Reset Status Register
(SRSR)
Read:
POR
PIN
COP
ILOP
ILAD
MODRST
LVI
0
Write:
POR:
10000000
$FE03
SIM Break Flag Control
Register (SBFCR)
Read:
BCFE
RRRRRRR
Write:
Reset:
0
$FE04
Interrupt Status Register 1
(INT1)
Read:
IF6
IF5
IF4
IF3
IF2
IF1
0
0
Write:
RRRRRRRR
Reset:
00000000
$FE05
Interrupt Status Register 2
(INT2)
Read:
IF14
IF13
IF12
IF11
IF10
IF9
IF8
IF7
Write:
RRRRRRRR
Reset:
00000000
$FE06
Interrupt Status Register 3
(INT3)
Read:
0
IF21
IF20
IF19
IF18
IF17
IF16
IF15
Write:
RRRRRRRR
Reset:
00000000
= Unimplemented
Figure 9-2. SIM I/O Register Summary
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com