| Electronic Components Datasheet Search |
|
MC68HC908AP16CFB Datasheet(PDF) 134 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908AP16CFB Datasheet(HTML) 134 Page - Motorola, Inc |
|
134 / 440 page ![]() System Integration Module (SIM) Data Sheet MC68HC908AP Family — Rev. 2.5 134 MOTOROLA 9.3.1 External Pin Reset The RST pin circuit includes an internal pull-up device. Pulling the asynchronous RST pin low halts all processing. The PIN bit of the SIM reset status register (SRSR) is set as long as RST is held low for a minimum of 67 ICLK cycles, assuming that neither the POR nor the LVI was the source of the reset. See Table 9-2 for details. Figure 9-4 shows the relative timing. Figure 9-4. External Reset Timing 9.3.2 Active Resets from Internal Sources All internal reset sources actively pull the RST pin low for 32 ICLK cycles to allow resetting of external peripherals. The internal reset signal IRST continues to be asserted for an additional 32 cycles (see Figure 9-5). An internal reset can be caused by an illegal address, illegal opcode, COP timeout, LVI, or POR (see Figure 9-6). NOTE: For LVI or POR resets, the SIM cycles through 4096 + 32 ICLK cycles during which the SIM forces the RST pin low. The internal reset signal then follows the sequence from the falling edge of RST shown in Figure 9-5. Table 9-2. PIN Bit Set Timing Reset Type Number of Cycles Required to Set PIN POR/LVI 4163 (4096 + 64 + 3) All others 67 (64 + 3) RST IAB PC VECT H VECT L ICLK Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |