Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 216 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 216 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 212Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 213Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 214Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 215Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 216Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 217Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 218Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 219Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 220Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 440 page
background image
Serial Communications Interface
Data Sheet
MC68HC908AP Family — Rev. 2.5
216
MOTOROLA
13.4.1 Data Format
The SCI uses the standard non-return-to-zero mark/space data format
illustrated in Figure 13-3.
Figure 13-3. SCI Data Formats
13.4.2 Transmitter
Figure 13-4 shows the structure of the SCI transmitter.
The baud rate clock source for the SCI can be selected via the
configuration bit, SCIBDSRC. Source selection values are shown in
Figure 13-4.
BIT 5
START
BIT
BIT 0
BIT 1
NEXT
STOP
BIT
START
BIT
8-BIT DATA FORMAT
BIT M IN SCC1 CLEAR
START
BIT
BIT 0
NEXT
STOP
BIT
START
BIT
9-BIT DATA FORMAT
BIT M IN SCC1 SET
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 2
BIT 3
BIT 4
BIT 6
BIT 7
PARITY
BIT
PARITY
BIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com