Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 212 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 212 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 208Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 209Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 210Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 211Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 212Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 213Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 214Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 215Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 216Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 440 page
background image
Serial Communications Interface
Data Sheet
MC68HC908AP Family — Rev. 2.5
212
MOTOROLA
13.2 Features
Features of the SCI module include the following:
•
Full-duplex operation
•
Standard mark/space non-return-to-zero (NRZ) format
•
32 programmable baud rates
•
Programmable 8-bit or 9-bit character length
•
Separately enabled transmitter and receiver
•
Separate receiver and transmitter CPU interrupt requests
•
Programmable transmitter output polarity
•
Two receiver wakeup methods:
–
Idle line wakeup
–
Address mark wakeup
•
Interrupt-driven operation with eight interrupt flags:
–
Transmitter empty
–
Transmission complete
–
Receiver full
–
Idle receiver input
–
Receiver overrun
–
Noise error
–
Framing error
–
Parity error
•
Receiver framing error detection
•
Hardware parity checking
•
1/16 bit-time noise detection
•
Configuration register bit, SCIBDSRC, to allow selection of baud
rate clock source
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com