Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 209 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 209 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 205Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 206Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 207Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 208Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 209Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 210Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 211Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 212Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 213Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 440 page
background image
Timebase Module (TBM)
Low-Power Modes
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
209
12.6 Low-Power Modes
The WAIT and STOP instructions put the MCU in low power-
consumption standby modes.
12.6.1 Wait Mode
The timebase module remains active after execution of the WAIT
instruction. In wait mode, the timebase register is not accessible by the
CPU.
If the timebase functions are not required during wait mode, reduce the
power consumption by stopping the timebase before enabling the WAIT
instruction.
12.6.2 Stop Mode
The timebase module may remain active after execution of the STOP
instruction if the oscillator has been enabled to operate during stop mode
through the stop mode oscillator enable bit (STOP_ICLKDIS,
STOP_RCLKEN, or STOP_XCLKEN) for the selected oscillator in the
CONFIG2 register. The timebase module can be used in this mode to
generate a periodic walk-up from stop mode.
If the oscillator has not been enabled to operate in stop mode, the
timebase module will not be active during stop mode. In stop mode the
timebase register is not accessible by the CPU.
If the timebase functions are not required during stop mode, reduce the
power consumption by stopping the timebase before enabling the STOP
instruction.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com