Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 206 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 206 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 202Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 203Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 204Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 205Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 206Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 207Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 208Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 209Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 210Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 440 page
background image
Timebase Module (TBM)
Data Sheet
MC68HC908AP Family — Rev. 2.5
206
MOTOROLA
12.3 Functional Description
This module can generate a periodic interrupt by dividing the oscillator
clock frequency, OSCCLK. The counter is initialized to all 0s when
TBON bit is cleared. The counter, shown in Figure 12-1, starts counting
when the TBON bit is set. When the counter overflows at the tap
selected by TBR[2:0], the TBIF bit gets set. If the TBIE bit is set, an
interrupt request is sent to the CPU. The TBIF flag is cleared by writing
a 1 to the TACK bit. The first time the TBIF flag is set after enabling the
timebase module, the interrupt is generated at approximately half of the
overflow period. Subsequent events occur at the exact period.
The reference clock OSCCLK is derived from the oscillator module, see
7.2.2 TBM Reference Clock Selection.
Figure 12-1. Timebase Block Diagram
(See Section 7. Oscillator (OSC).)
÷ 2
SEL
0 0 0
0 0 1
0 1 0
0 1 1
TBIF
TBIE
TBON
R
1 0 0
1 0 1
1 1 0
1 1 1
OSCCLK
÷ 2
÷ 2
÷ 2
÷ 2
÷ 2
÷ 2
÷ 2
÷ 2
÷ 2
÷ 2
÷ 2
÷ 2
÷ 2
÷ 8
÷ 16
÷ 32
÷ 64
÷ 2048
÷ 32768
÷ 65536
÷ 131072
TBMINT
÷ 2
÷ 2
÷ 2
÷ 2
÷ 262144
From OSC module
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com