Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 207 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 207 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 203Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 204Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 205Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 206Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 207Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 208Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 209Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 210Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 211Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 440 page
background image
Timebase Module (TBM)
Timebase Register Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
207
12.4 Timebase Register Description
The timebase has one register, the TBCR, which is used to enable the
timebase interrupts and set the rate.
TBIF — Timebase Interrupt Flag
This read-only flag bit is set when the timebase counter has rolled
over.
1 = Timebase interrupt pending
0 = Timebase interrupt not pending
TBR[2:0] — Timebase Rate Selection
These read/write bits are used to select the rate of timebase interrupts
as shown in Table 12-1.
Address:
$0051
Bit 7
654321
Bit 0
Read:
TBIF
TBR2
TBR1
TBR0
0
TBIE
TBON
R
Write:
TACK
Reset:
00000000
= Unimplemented
R
= Reserved
Figure 12-2. Timebase Control Register (TBCR)
Table 12-1. Timebase Rate Selection for OSCCLK = 32.768 kHz
TBR2
TBR1
TBR0
Divider
Timebase Interrupt Rate
Hz
ms
0
0
0
262144
0.125
8000
0
0
1
131072
0.25
4000
0
1
0
65536
0.5
2000
0
1
1
32768
1
1000
10
0
64
512
~2
10
1
32
1024
~1
11
0
16
2048
~0.5
1
1
1
8
4096
~0.24
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com