Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 205 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 205 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 201Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 202Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 203Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 204Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 205Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 206Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 207Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 208Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 209Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 440 page
background image
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
205
Data Sheet – MC68HC908AP Family
Section 12. Timebase Module (TBM)
12.1 Introduction
This section describes the timebase module (TBM). The TBM will
generate periodic interrupts at user selectable rates using a counter
clocked by the selected OSCCLK clock from the oscillator module. This
TBM version uses 18 divider stages, eight of which are user selectable.
12.2 Features
Features of the TBM module include:
•
Software programmable 8s, 4s, 2s, 1s, 2ms, 1ms, 0.5ms, and
0.25ms periodic interrupt using 32.768-kHz OSCCLK clock
•
User selectable oscillator clock source enable during stop mode to
allow periodic wake-up from stop
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com