Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 201 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 201 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 197Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 198Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 199Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 200Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 201Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 202Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 203Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 204Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 205Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 440 page
background image
Timer Interface Module (TIM)
I/O Registers
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
201
When ELSxB:ELSxA = 0:0, this read/write bit selects the initial output
level of the TCHx pin. See Table 11-3. Reset clears the MSxA bit.
1 = Initial output level low
0 = Initial output level high
NOTE:
Before changing a channel function by writing to the MSxB or MSxA bit,
set the TSTOP and TRST bits in the TIM status and control register
(TSC).
ELSxB and ELSxA — Edge/Level Select Bits
When channel x is an input capture channel, these read/write bits
control the active edge-sensing logic on channel x.
When channel x is an output compare channel, ELSxB and ELSxA
control the channel x output behavior when an output compare
occurs.
When ELSxB and ELSxA are both clear, channel x is not connected
to an I/O port, and pin TCHx is available as a general-purpose I/O pin.
Table 11-3 shows how ELSxB and ELSxA work. Reset clears the
ELSxB and ELSxA bits.
Table 11-3. Mode, Edge, and Level Selection
MSxB:MSxA
ELSxB:ELSxA
Mode
Configuration
X0
00
Output preset
Pin under port control;
initial output level high
X1
00
Pin under port control;
initial output level low
00
01
Input capture
Capture on rising edge only
00
10
Capture on falling edge only
00
11
Capture on rising or
falling edge
01
01
Output
compare or
PWM
Toggle output on compare
01
10
Clear output on compare
01
11
Set output on compare
1X
01
Buffered
output
compare or
buffered PWM
Toggle output on compare
1X
10
Clear output on compare
1X
11
Set output on compare
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com