Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 294 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 294 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 290Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 291Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 292Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 293Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 294Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 295Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 296Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 297Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 298Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 440 page
background image
Serial Peripheral Interface Module (SPI)
Data Sheet
MC68HC908AP Family — Rev. 2.5
294
MOTOROLA
When the master SPI starts a transmission, the data in the slave shift
register begins shifting out on the MISO pin. The slave can load its shift
register with a new byte for the next transmission by writing to its transmit
data register. The slave must write to its transmit data register at least
one bus cycle before the master starts the next transmission. Otherwise,
the byte already in the slave shift register shifts out on the MISO pin.
Data written to the slave shift register during a transmission remains in
a buffer until the end of the transmission.
When the clock phase bit (CPHA) is set, the first edge of SPSCK starts
a transmission. When CPHA is clear, the falling edge of SS starts a
transmission. (See 15.5 Transmission Formats.)
NOTE:
SPSCK must be in the proper idle state before the slave is enabled to
prevent SPSCK from appearing as a clock edge.
15.5 Transmission Formats
During an SPI transmission, data is simultaneously transmitted (shifted
out serially) and received (shifted in serially). A serial clock synchronizes
shifting and sampling on the two serial data lines. A slave select line
allows selection of an individual slave SPI device; slave devices that are
not selected do not interfere with SPI bus activities. On a master SPI
device, the slave select line can optionally be used to indicate multiple-
master bus contention.
15.5.1 Clock Phase and Polarity Controls
Software can select any of four combinations of serial clock (SPSCK)
phase and polarity using two bits in the SPI control register (SPCR). The
clock polarity is specified by the CPOL control bit, which selects an
active high or low clock and has no significant effect on the transmission
format.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com