| Electronic Components Datasheet Search |
|
ATTINY817-MFR. Datasheet(PDF) 88 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATTINY817-MFR. Datasheet(HTML) 88 Page - Microchip Technology |
|
88 / 492 page ![]() Round-robin scheduling for LVL0 interrupt requests is enabled by writing a '1' to the Round-Robin Priority Enable bit (LVL0RR) in the Control A register (CPUINT.CTRLA). When round-robin scheduling is enabled, the interrupt vector address for the last acknowledged LVL0 interrupt will have the lowest priority the next time one or more LVL0 interrupts are requested, as illustrated in the figure below. Figure 13-4. Round-Robin Scheduling : : : : : : : : : : : : IVEC x last acknowledge interrupt IVEC x+1 last acknowledge interrupt IVEC 0 IVEC x IVEC x+1 IVEC n IVEC x+2 IVEC x+1 IVEC x IVEC 0 IVEC n Lowest Priority Highest Priority Lowest Priority Highest Priority Compact Vector Table The Compact Vector Table (CVT) is a feature to allow for writing of compact code. When CVT is enabled by writing a '1' to the CVT bit in the Control A register (CPUINT.CTRLA), the vector table contains these three interrupt vectors: 1. The non-maskable interrupts (NMI) at vector address 1 2. The priority level 1 (LVL1) interrupt at vector address 2 3. All priority level 0 (LVL0) interrupts share vector address 3. This feature is most suitable for applications using a small number of interrupt generators. 13.3.3 Events Not applicable. 13.3.4 Sleep Mode Operation Not applicable. 13.3.5 Configuration Change Protection This peripheral has registers that are under Configuration Change Protection (CCP). In order to write to these, a certain key must be written to the CPU.CCP register first, followed by a write access to the protected bits within four CPU instructions. It is possible to try writing to these registers any time, but the values are not altered. The following registers are under CCP: ATtiny417/817 © 2017 Microchip Technology Inc. Datasheet Complete DS40001901B-page 88 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |