Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 164 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 164 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 160Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 161Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 162Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 163Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 164Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 165Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 166Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 167Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 199 page
background image
7.6.2.106 PMA_STATUS Register (Address = 0x1901) [reset = 0x900]
PMA_STATUS is shown in Table 7-129.
Return to the Summary Table.
Table 7-129. PMA_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
4b0000
Reserved
11
oam_ability
R
1b1
1 = PHY has 1000BASE-T1 OAM ability 0 = PHY does not have
1000BASE-T1 OAM ability Note - 0x1 added in [15:12] to
differentiate
1b0 = PHY does not have 1000BASE-T1 OAM ability
1b1 = PHY has 1000BASE-T1 OAM ability
10
eee_ability
R
1b0
1 = PHY has EEE ability 0 = PHY does not have EEE ability Note -
0x1 added in [15:12] to differentiate
1b0 = PHY does not have EEE ability
1b1 = PHY has EEE ability
9
receive_fault_ability
R
1b0
1 = PMA/PMD has the ability to detect a fault condition on the
receive path 0 = PMA/PMD does not have the ability to detect a fault
condition on the receive path Note - 0x1 added in [15:12] to
differentiate
1b0 = PMA/PMD does not have the ability to detect a fault condition
on the receive path
1b1 = PMA/PMD has the ability to detect a fault condition on the
receive path
8
low_power_ability
R
1b1
1 = PMA/PMD has low-power ability 0 = PMA/PMD does not have
low-power ability Note - 0x1 added in [15:12] to differentiate
1b0 = PMA/PMD does not have low-power ability
1b1 = PMA/PMD has low-power ability
7-3
RESERVED
R
5b00000
Reserved
2
receive_polarity
R
1b0
1 = Receive polarity is reversed 0 = Receive polarity is not reversed
Note - 0x1 added in [15:12] to differentiate
1b0 = Receive polarity is not reversed
1b1 = Receive polarity is reversed
1
receive_fault
R
1b0
1 = Fault condition detected 0 = Fault condition not detected Note -
0x1 added in [15:12] to differentiate
1b0 = Fault condition not detected
1b1 = Fault condition detected
0
pma_receive_link_status_l
l
R/W0S
1b0
1 = PMA/PMD receive link up 0 = PMA/PMD receive link down Note
- 0x1 added in [15:12] to differentiate
1b0 = PMA/PMD receive link down
1b1 = PMA/PMD receive link up
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
164
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com