Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 138 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 138 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 134Page - STMicroelectronics L99DZ100GP Datasheet HTML 135Page - STMicroelectronics L99DZ100GP Datasheet HTML 136Page - STMicroelectronics L99DZ100GP Datasheet HTML 137Page - STMicroelectronics L99DZ100GP Datasheet HTML 138Page - STMicroelectronics L99DZ100GP Datasheet HTML 139Page - STMicroelectronics L99DZ100GP Datasheet HTML 140Page - STMicroelectronics L99DZ100GP Datasheet HTML 141Page - STMicroelectronics L99DZ100GP Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 197 page
background image
SPI Registers
L99DZ100G, L99DZ100GP
138/197
DS11546 Rev 5
24
FS
Fail Safe
The FS bit indicates the device was forced into a safe state due to the
following failure conditions:
– WDFAIL (SR1 - 0x31)
– V1UV (SR1 - 0x31)
– TSD2 (SR1 - 0x31)
– FORCED_SLEEP_TSD/V1SC (SR1 - 0x31)
All Control Registers are set to default except the following bits:
– SWEN (CR1 - 0x01)
– CR23 (0x17) to CR29 (0x1D); Configuration of CAN Selective Wake-up
functionality
Control Registers are blocked for WRITE access except the following bits:
– TRIG (CR1 - 0x01)
– V2_0 (CR1 - 0x01)
– V2_1 (CR1 - 0x01)
– GoTRXRDY (CR1 - 0x01)
– Timer settings (bits 8…23) (CR2 - 0x02)
– OUTHS_x (bits 0…3) (CR5 - 0x05)
– OUT15_x (bits 0…3) (CR6 - 0x06)
– CR12 (0x0C) to CR17 (0x11); PWM frequency and duty cycles
0: Fail Safe inactive (default)
1: Fail Safe active
FS is cleared upon exit from Fail-Safe mode (refer to chapter ‘Fail-Safe
mode’)
1. Individual failure flags may be masked in the Configuration Register (0x3F).
2. Bit may be masked in the Configuration Register (0x3F), i.e. the bit will not be included in the Global Status
Bit (GSBN).
3. Open-load status flags may be masked in the Configuration register (0x3F), i.e. the open-load flag will be
included in the FE flag, but will not set the GSBN. TW failure status flags may be masked in the
Configuration register (0x3F), i.e. the TW flag will be included in the GW flag, but will not set the GSBN.
Table 85. GSB signals description (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com