Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 135 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 135 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 131Page - STMicroelectronics L99DZ100GP Datasheet HTML 132Page - STMicroelectronics L99DZ100GP Datasheet HTML 133Page - STMicroelectronics L99DZ100GP Datasheet HTML 134Page - STMicroelectronics L99DZ100GP Datasheet HTML 135Page - STMicroelectronics L99DZ100GP Datasheet HTML 136Page - STMicroelectronics L99DZ100GP Datasheet HTML 137Page - STMicroelectronics L99DZ100GP Datasheet HTML 138Page - STMicroelectronics L99DZ100GP Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 197 page
background image
DS11546 Rev 5
135/197
L99DZ100G, L99DZ100GP
SPI Registers
196
7
SPI Registers
7.1
Global Status Byte GSB
Table 84. Global Status Byte (GSB)
31
30
29
28
27
26
25
24
Bit name
GSBN
RSTB
SPIE
PLE
FE
DE
GW
FS
Reset
1
0
0
0
0000
Access
R
Table 85. GSB signals description
Bit
Name
Description
31
GSBN
Global Status Bit Inverted
The GSBN is a logically NOR combination of GSB Bits 24 to Bit 30(1).
This bit can also be used as Global Status Flag without starting a complete
communication frame as it is present at SDO directly after pulling CSN low.
0: error detected (1 or several GSB bits from 24 to 30 are set)
1: no error detected (default after Power-on)
Specific failures may be masked in the Configuration Register 0x3F. A
masked failure will still be reported in the GSB by the related failure flag,
however it is not reflected in the GSBN (bit 31).
30
RSTB
Reset
The RSTB indicates a device reset and it is set in case of the following
events:
– VPOR (SR1 - 0x31)
– WDFAIL (SR1 - 0x31)
– V1UV (SR1 - 0x31)
– FORCED_SLEEP_TSD2/V1SC (SR1 - 0x31)
0: no reset signal has been generated (default)
1: Reset signal has been generated
RSTB is cleared by a Read & Clear command to all bits in Status Register 1
causing the Reset event.
29
SPIE(2)
SPI Error Bit
The SPIE indicates errors related to a wrong SPI communication.
– SPI_INV_CMD (SR2 - 0x32)
– SPI_SCK_CNT (SR2 - 0x32)
The bit is also set in case of an SPI CSN Time-out detection
0: no error (default)
1: error detected
SPIE is cleared by a valid SPI command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com