Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 131 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 131 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 127Page - STMicroelectronics L99DZ100GP Datasheet HTML 128Page - STMicroelectronics L99DZ100GP Datasheet HTML 129Page - STMicroelectronics L99DZ100GP Datasheet HTML 130Page - STMicroelectronics L99DZ100GP Datasheet HTML 131Page - STMicroelectronics L99DZ100GP Datasheet HTML 132Page - STMicroelectronics L99DZ100GP Datasheet HTML 133Page - STMicroelectronics L99DZ100GP Datasheet HTML 134Page - STMicroelectronics L99DZ100GP Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 197 page
background image
DS11546 Rev 5
131/197
L99DZ100G, L99DZ100GP
Serial Peripheral Interface (SPI)
196
<WD Type 1>: 28H (Long Open Window: 200ms)
<WD Type 2>: 91H (Open Window. 10ms, Closed Window: 5ms)
<WD Type 1> indicates the Long Open Window (timeout) which is opened at the start of the
watchdog. The binary value of WT[5:0] times 5ms indicates the typical value of the Timeout
Time.
<WD Type 2> describes the default timing of the window watchdog.
The binary value of CW[2:0] times 5ms defines the typical Closed Window time and OW[2:0]
times 5ms defines the typical Open Window time.
Figure 58. Window watchdog operation
The watchdog trigger bit location is defined by the <WD bit pos. X> registers.
<WD Type 1/2>
1
1
Invalid
Table 82. WD Type/Timing (continued)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Table 83. WD bit position
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WB1
WB0
<WD bit pos. X>
0
0
Register is not used
<WD bit pos. X>
0
1
WBA5
WBA4
WBA3
WBA2
WBA1
WBA0
<WD bit pos. 1>
0
100
00
01
<WD bit pos. 3>
0
111
11
11
Defines the register addresses of the WD trigger bits
<WD bit pos. X>
1
0
WBA5
WBA4
WBA3
WBA2
WBA1
WBA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com